PART |
Description |
Maker |
HDSP-513Y-LL000 5082-511A-00000 5082-511A-0H000 50 |
14.22 mm (0.56 inch) General Purpose Seven-Segment Display 14.22毫米.56英寸)通用七段显示 Multichannel Remote/Local Temperature Sensors 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Commercial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD Low Profile Power Relay, 1 Form C, 16A 250VAC, Class F Coil HDSP-511A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
|
ITT, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
LTS-3403LP LTS3403LP |
The LTS-3403LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3403LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|
LTS-3406LY LTS3406LY |
The LTS-3406LY is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3406LY is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
LITEON[Lite-On Technology Corporation] 光宝科技股份有限公司 LITE-ON ELECTRONICS INC
|
LTS-3406LP LTS3406LP |
The LTS-3406LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3406LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|
NTE3061 NTE3064 NTE3062 NTE3063 |
0.3 Single Digit Numeric Display / Seven Segment / Common Anode 7 SEG NUMERIC DISPLAY, ORANGE, 7.62 mm 0.3Single Digit Numeric Display, Seven Segment, Common Anode 0.3“单数字的显示,七段,共阳极 0.3” Single Digit Numeric Display, Seven Segment, Common Anode 0.3 Single Digit Numeric Display Seven Segment Common Anode 0.3 Single Digit Numeric Display, Seven Segment, Common Anode Orange 0.3 inch single digit numeric display, seven segment, common anode. Green 0.3 inch single digit numeric display, seven segment, common anode.
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
HDSP-521A HDSP-523A-LL000 HDSP-521A-JJ000 HDSP-521 |
14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display 14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display 14.22毫米.56英寸)双位数字通用七段显示 Aluminum Electrolytic Radial Leaded Wide Temp Capacitor; Capacitance: .22uF; Voltage: 200V; Case Size: 5x11 mm; Packaging: Bulk HDSP-521A · 14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display HDSP-523A · 14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
|
3M Company Atmel, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
LTS-312AG |
The LTS-312AG is a 0.3-inch (7.62-mm) digit height single digit seven-segment display
|
Lite-On Technology Corporation
|
FYS-40012BX-30 FYS-40012AX-40 |
4.00 Inch (101.60mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-5213AX-00 FYS-5213AX-01 FYS-5213AX-02 FYS-5213 |
0.52 Inch (13.20mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-3212BX-30 FYS-3212AX-40 FYS-3212AX-41 |
0.32 Inch (8.00mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|